Part Number Hot Search : 
G5U1118 WL102B 225NY 15M75 LTC31 001SMB LCE17A 1N6303
Product Description
Full Text Search
 

To Download CY7C1302CV25-167BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PREMILINARY
CY7C1302CV25
9-Mbit Burst of Two Pipelined SRAMs with QDRTM Architecture
Features
* Separate independent Read and Write data ports -- Supports concurrent transactions * 167-MHz clock for high bandwidth -- 2.5 ns clock-to-Valid access time * 2-word burst on all accesses * Double Data Rate (DDR) interfaces on both Read and Write ports (data transferred at 333 MHz) @ 167 MHz * Two input clocks (K and K) for precise DDR timing -- SRAM uses rising edges only * Two output clocks (C and C) account for clock skew and flight time mismatching * Single multiplexed address input bus latches address inputs for both Read and Write ports * Separate Port Selects for depth expansion * Synchronous internally self-timed writes * 2.5V core power supply with HSTL Inputs and Outputs * 13 x 15 x 1.4 mm 1.0-mm pitch fBGA package, 165 ball (11 x 15 matrix) * Variable drive HSTL output buffers * Expanded HSTL output voltage (1.4V-1.9V) * JTAG Interface
Functional Description
The CY7C1302CV25 is a 2.5V Synchronous Pipelined SRAM equipped with QDRTM architecture. QDR architecture consists of two separate ports to access the memory array. The Read port has dedicated data outputs to support Read operations and the Write Port has dedicated data inputs to support Write operations. Access to each port is accomplished through a common address bus. The Read address is latched on the rising edge of the K clock and the Write address is latched on the rising edge of K clock. QDR has separate data inputs and data outputs to completely eliminate the need to "turn-around" the data bus required with common I/O devices. Accesses to the CY7C1302CV25 Read and Write ports are completely independent of one another. All accesses are initiated synchronously on the rising edge of the positive input clock (K). In order to maximize data throughput, both Read and Write ports are equipped with DDR interfaces. Therefore, data can be transferred into the device on every rising edge of both input clocks (K and K) and out of the device on every rising edge of the output clock (C and C, or K and K in a single clock domain) thereby maximizing performance while simplifying system design. Each address location is associated with two 18-bit words that burst sequentially into or out of the device. Depth expansion is accomplished with a Port Select input for each port. Each Port Select allows each port to operate independently. All synchronous inputs pass through input registers controlled by the K or K input clocks. All data outputs pass through output registers controlled by the C or C (or K or K in a single clock domain) input clocks. Writes are conducted with on-chip synchronous self-timed write circuitry.
Configurations
CY7C1302CV25 - 512K x 18
Logic Block Diagram (CY7C1302CV25)
D[17:0] 18
Write Data Reg
Write Add. Decode
Read Add. Decode
A(17:0)
Address Register 18
Write Data Reg
K K
CLK Gen.
256Kx18 256Kx18 Memory Memory Array Array
Address Register
18
A(17:0)
Control Logic
RPS C C
Read Data Reg. 36 Vref WPS BWS0 BWS1 Control Logic 18 18 Reg. Reg. 18
Reg. 18
18 Q[17:0]
Cypress Semiconductor Corporation Document #: 38-05491 Rev. *A
*
3901 North First Street
*
San Jose, CA 95134
* 408-943-2600 Revised June 1, 2004
PREMILINARY
Selection Guide
CY7C1302CV25 -167 Maximum Operating Frequency Maximum Operating Current 167 750 CY7C1302CV25 -133 133 650
CY7C1302CV25
CY7C1302CV25 -100 100 550
Unit MHz mA
Pin Configuration-CY7C1302CV25 (Top View)
1 A B C D E F G H J K L M N P R NC NC NC NC NC NC NC NC NC NC NC NC NC NC TDO 2 Q9 NC D11 NC Q12 D13 VREF NC NC Q15 NC D17 NC TCK 3 D9 D10 Q10 Q11 D12 Q13 VDDQ D14 Q14 D15 D16 Q16 Q17 A 4 WPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 5 BWS1 NC A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 6 K K A VSS VSS VSS VSS VSS VSS VSS VSS VSS A C C 7 NC BWS0 A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 8 RPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 9 NC NC NC NC NC NC VDDQ NC NC NC NC NC NC A 10 NC Q7 NC D6 NC NC VREF Q4 D3 NC Q1 NC D0 TMS 11 NC Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI Gnd/144M NC/36M NC/18M Gnd/72M
Pin Definitions
Name D[17:0] WPS I/O InputSynchronous InputSynchronous InputSynchronous Description Data input signals, sampled on the rising edge of K and K clocks during valid Write operations. Write Port Select, active LOW. Sampled on the rising edge of the K clock. When asserted active, a Write operation is initiated. Deasserting will deselect the Write port. Deselecting the Write port will cause D[17:0] to be ignored. Byte Write Select 0, 1, active LOW. Sampled on the rising edge of the K and K clocks during Write operations. Used to select which byte is written into the device during the current portion of the Write operations. Bytes not written remain unaltered. BWS0 controls D[8:0] and BWS1 controls D[17:9]. All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select will cause the corresponding byte of data to be ignored and not written into the device. Address Inputs. Sampled on the rising edge of the K (read address) and K (write address) clocks for active Read and Write operations. These address inputs are multiplexed for both Read and Write operations. Internally, the device is organized as 512K x 18 (2 arrays each of 256K x 18). These inputs are ignored when the appropriate port is deselected. Data Output signals. These pins drive out the requested data during a Read operation. Valid data is driven out on the rising edge of both the C and C clocks during Read operations or K and K when in single clock mode. When the Read port is deselected, Q[17:0] are automatically three-stated. Read Port Select, active LOW. Sampled on the rising edge of positive input clock (K). When active, a Read operation is initiated. Deasserting will cause the Read port to be deselected. When deselected, the pending access is allowed to complete and the output drivers are automatically three-stated following the next rising edge of the C clock. Each read access consists of a burst of two sequential transfers. Positive Output Clock Input. C is used in conjunction with C to clock out the Read data from the device. C and C can be used together to deskew the flight times of various devices on the board back to the controller. See application example for further details. Page 2 of 18
BWS0, BWS1
A
InputSynchronous
Q[17:0]
OutputsSynchronous
RPS
InputSynchronous
C
InputClock
Document #: 38-05491 Rev. *A
PREMILINARY
Pin Definitions (continued)
Name C I/O Input-Clock Description
CY7C1302CV25
Negative Output Clock Input. C is used in conjunction with C to clock out the Read data from the device. C and C can be used together to deskew the flight times of various devices on the board cack to the controller. See application example for further details. Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device and to drive out data through Q[17:0] when in single clock mode. All accesses are initiated on the rising edge of K. Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and to drive out data through Q[17:0] when in single clock mode. Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus impedance. Q[17:0] output impedance is set to 0.2 x RQ, where RQ is a resistor connected between ZQ and ground. Alternately, this pin can be connected directly to VDD, which enables the minimum impedance mode. This pin cannot be connected directly to GND or left unconnected. TDO for JTAG. TCK pin for JTAG. TDI pin for JTAG. TMS pin for JTAG. Address expansion for 18M. This is not connected to the die and so can be tied to any voltage level. Address expansion for 36M. This is not connected to the die and so can be tied to any voltage level. Address expansion for 72M. This must be tied LOW. Address expansion for 144M. This must be tied LOW. Not connected to the die. Can be tied to any voltage level. Reference Voltage Input. Static input used to set the reference level for HSTL inputs and Outputs as well as AC measurement points. Ground for the device.
K
Input-Clock
K ZQ
Input-Clock Input
TDO TCK TDI TMS NC/18M NC/36M GND/72M GND/144M NC VREF VDD VSS VDDQ
Output Input Input Input N/A N/A Input Input N/A InputReference Ground
Power Supply Power supply inputs to the core of the device. Power Supply Power supply inputs for the outputs of the device. All synchronous control (RPS, WPS, BWS[1:0]) inputs pass through input registers controlled by the rising edge of input clocks (K and K). Read Operations The CY7C1302CV25 is organized internally as 2 arrays of 256K x 18. Accesses are completed in a burst of two sequential 18-bit data words. Read operations are initiated by asserting RPS active at the rising edge of the positive input clock (K). The address is latched on the rising edge of the K clock. Following the next K clock rise the corresponding lower order 18-bit word of data is driven onto the Q[17:0] using C as the output timing reference. On the subsequent rising edge of C the higher order data word is driven onto the Q[17:0]. The requested data will be valid 2.5 ns from the rising edge of the output clock (C and C, or K and K when in single clock mode, 167-MHz device). Synchronous internal circuitry will automatically three-state the outputs following the next rising edge of the positive output clock (C). This will allow for a seamless transition between devices without the insertion of wait states in a depth expanded memory.
Introduction
Functional Overview The CY7C1302CV25 is a synchronous pipelined Burst SRAM equipped with both a Read port and a Write port. The Read port is dedicated to Read operations and the Write port is dedicated to Write operations. Data flows into the SRAM through the Write port and out through the Read port. These devices multiplex the address inputs in order to minimize the number of address pins required. By having separate Read and Write ports, the QDR-I completely eliminates the need to "turn-around" the data bus and avoids any possible data contention, thereby simplifying system design. Accesses for both ports are initiated on the rising edge of the Positive Input Clock (K). All synchronous input timing is referenced from the rising edge of the input clocks (K and K) and all output timing is referenced to the output clocks (C and C, or K and K when in single clock mode). All synchronous data inputs (D[17:0]) pass through input registers controlled by the input clocks (K and K). All synchronous data outputs (Q[17:0]) pass through output registers controlled by the rising edge of the output clocks (C and C, or K and K when in single clock mode).
Document #: 38-05491 Rev. *A
Page 3 of 18
PREMILINARY
Write Operations Write operations are initiated by asserting WPS active at the rising edge of the positive input clock (K). On the same K clock rise the data presented to D[17:0] is latched into the lower 18-bit Write Data register provided BWS[1:0] are both asserted active. On the subsequent rising edge of the negative input clock (K), the address is latched and the information presented to D[17:0] is stored into the Write Data register provided BWS[1:0] are both asserted active. The 36 bits of data are then written into the memory array at the specified location. When deselected, the Write port will ignore all inputs after the pending Write operations have been completed. Byte Write Operations Byte Write operations are supported by the CY7C1302CV25. A Write operation is initiated as described in the Write Operation section above. The bytes that are written are determined by BWS0 and BWS1 which are sampled with each set of 18-bit data word. Asserting the appropriate Byte Write Select input during the data portion of a write will allow the data being presented to be latched and written into the device. Deasserting the Byte Write Select input during the data portion of a write will allow the data stored in the device for that byte to remain unaltered. This feature can be used to simplify Read/Modify/Write operations to a Byte Write operation. Single Clock Mode The CY7C1302CV25 can be used with a single clock mode. In this mode the device will recognize only the pair of input clocks (K and K) that control both the input and output registers. This operation is identical to the operation if the device had zero skew between the K/K and C/C clocks. All timing parameters remain the same in this mode. To use this mode of operation, the user must tie C and C HIGH at
CY7C1302CV25
power-up.This function is a strap option and not alterable during device operation. Concurrent Transactions The Read and Write ports on the CY7C1302CV25 operate completely independently of one another. Since each port latches the address inputs on different clock edges, the user can Read or Write to any location, regardless of the transaction on the other port. Also, reads and writes can be started in the same clock cycle. If the ports access the same location at the same time, the SRAM will deliver the most recent information associated with the specified address location. This includes forwarding data from a Write cycle that was initiated on the previous K clock rise. Depth Expansion The CY7C1302CV25 has a Port Select input for each port. This allows for easy depth expansion. Both Port Selects are sampled on the rising edge of the Positive Input Clock only (K). Each port select input can deselect the specified port. Deselecting a port will not affect the other port. All pending transactions (Read and Write) will be completed prior to the device being deselected. Programmable Impedance An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to allow the SRAM to adjust its output driver impedance. The value of RQ must be 5X the value of the intended line impedance driven by the SRAM, The allowable range of RQ to guarantee impedance matching with a tolerance of 15% is between 175 and 350, with VDDQ =1.5V. The output impedance is adjusted every 1024 cycles to account for drifts in supply voltage and temperature.
Application Example[1]
Note: 1. The above application shows 4 QDR-I being used.
Document #: 38-05491 Rev. *A
Page 4 of 18
PREMILINARY
Truth Table[2, 3, 4, 5, 6, 7]
Operation Write Cycle: Load address on the rising edge of K clock; input write data on K and K rising edges. Read Cycle: Load address on the rising edge of K clock; wait one cycle; read data on 2 consecutive C and C rising edges. NOP: No Operation Standby: Clock Stopped K L-H RPS X WPS L
CY7C1302CV25
DQ D(A+0)at K(t) Q(A+0) at C(t+1) D=X Q = High-Z Previous State
DQ D(A+1) at K(t) Q(A+1) at C(t+1) D=X Q = High-Z Previous State
L-H
L
X
L-H Stopped
H X
H X
Write Cycle Descriptions[2,8]
BWS0 L L L L H H H H BWS1 L L H H L L H H K L-H - L-H - L-H - L-H - K - L-H - L-H - L-H - L-H Comments During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device. During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device. During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the device. D[17:9] remains unaltered. During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the device. D[17:9] remains unaltered. During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device. D[8:0] remains unaltered. During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device. D[8:0] remains unaltered. No data is written into the device during this portion of a Write operation. No data is written into the device during this portion of a Write operation.
Notes: 2. X = Don't Care, H = Logic HIGH, L = Logic LOW, represents rising edge. 3. Device will power-up deselected and the outputs in a three-state condition. 4. "A" represents address location latched by the devices when transaction was initiated. A+0, A+1 represent the addresses sequence in the burst. 5. "t" represents the cycle at which a Read/Write operation is started. t+1 is the first clock cycle succeeding the "t" clock cycle. 6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode. 7. It is recommended that K = K and C = C when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. 8. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. BWS0, BWS1 can be altered on different portions of a Write cycle, as long as the set-up and hold requirements are achieved.
Document #: 38-05491 Rev. *A
Page 5 of 18
PREMILINARY
Maximum Ratings
(Above which the useful life may be impaired.) Storage Temperature .................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VDD Relative to GND........ -0.5V to +3.6V DC Applied to Outputs in High-Z......... -0.5V to VDDQ + 0.5V DC Input Voltage[9 .............................. -0.5V to VDDQ + 0.5V Current into Outputs (LOW) .........................................20 mA
CY7C1302CV25
Static Discharge Voltage........................................... >2001V (per MIL-STD-883, Method 3015) Latch-up Current..................................................... >200 mA
Operating Range
Range Com'l Ambient Temperature (TA) 0C to +70C VDD[10] 2.5 0.1V VDDQ[10] 1.4V to 1.9V
Electrical Characteristics Over the Operating Range[11]
DC Electrical Characteristics Over the Operating Range Parameter VDD VDDQ VOH VOL VOH(LOW) VOL(LOW) VIH VIL VIN IX IOZ VREF IDD Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage[9] Input LOW Voltage[9, 14] Clock Input Voltage Input Load Current Output Leakage Current Input Reference Voltage[15] VDD Operating Supply GND VI VDDQ GND VI VDDQ, Output Disabled Typical value = 0.75V VDD = Max., IOUT = 0 mA, f = fMAX = 1/tCYC 167 MHz 133 MHz 100 MHz Note 12 Note 13 IOH = -0.1 mA, Nominal Impedance IOL = 0.1 mA, Nominal Impedance Test Conditions Min. 2.4 1.4 VDDQ/2 - 0.12 VDDQ/2 - 0.12 VDDQ - 0.2 VSS VREF + 0.1 -0.3 -0.3 -5 -5 0.68 0.75 Typ. 2.5 1.5 Max. 2.6 1.9 VDDQ/2 + 0.12 VDDQ/2 + 0.12 VDDQ 0.2 VDDQ + 0.3 VREF -0.1 VDDQ+0.3 5 5 0.95 750 650 550 470 450 430 Unit V V V V V V V V V A A V mA mA mA mA mA mA
ISB1
Automatic Power-Down Current
167 MHz Max. VDD, Both Ports Deselected, VIN VIH or 133 MHz VIN VIL, f = 100 MHz fMAX = 1/tCYC, Inputs Static Test Conditions Min. VREF + 0.2 - Typ.
AC Input Requirements Over the Operating Range Parameter VIH VIL Description Input High (Logic 1) Voltage Input Low (Logic 0) Voltage Max. - VREF - 0.2 Unit V V
Notes: 9. Overshoot: VIH(AC) < VDDQ +0.85V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > -1.5V (Pulse width less than tCYC/2). 10. Power-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD. 11. All voltage referenced to Ground. 12. Output are impedance controlled. IOH = -(VDDQ/2)/(RQ/5) for values of 175 <= RQ <= 350. 13. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175 <= RQ <= 350. 14. This spec is for all inputs except C and C Clock. For C and C Clock, VIL(Max.) = VREF - 0.2V. 15. VREF (Min.) = 0.68V or 0.46VDDQ, whichever is larger, VREF (Max.) = 0.95V or 0.54VDDQ, whichever is smaller.
Document #: 38-05491 Rev. *A
Page 6 of 18
PREMILINARY
Thermal Resistance[16]
Parameter JA JC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51.
CY7C1302CV25
165 FBGA Package Unit 16.7 2.5 C/W C/W
Capacitance[16]
Parameter CIN CCLK CO Description Input Capacitance Clock Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 2.5V. VDDQ = 1.5V Max. 5 6 7 Unit pF pF pF
AC Test Loads and Waveforms
VDDQ/2 VREF OUTPUT Device Under Test Z0 = 50 RL = 50 VREF = 0.75V VDDQ/2 VREF OUTPUT Device Under Test ZQ 5 pF 0.25V VDDQ/2 R = 50 ALL INPUT PULSES 1.25V 0.75V
[17]
ZQ (a)
RQ = 250
RQ = 250 (b)
INCLUDING JIG AND SCOPE
Switching Characteristics Over the Operating Range [17]
Cypress Parameter tPower[18] Cycle Time tCYC tKH tKL tKHKH tKHCH tKHKH tKHKL tKLKH tKHKH tKHCH K Clock and C Clock Cycle Time Input Clock (K/K and C/C) HIGH Input Clock (K/K and C/C) LOW K/K Clock Rise to K/K Clock Rise and C/C to C/C Rise (rising edge to rising edge) K/K Clock Rise to C/C Clock Rise (rising edge to rising edge) Address Set-up to Clock (K and K) Rise Control Set-up to Clock (K and K) Rise (RPS, WPS, BWS0, BWS1) D[17:0] Set-up to Clock (K and K) Rise 6.0 2.4 2.4 2.7 0.0 3.3 2.0 7.5 3.2 3.2 3.4 0.0 4.1 2.5 10.0 3.5 3.5 4.4 0.0 5.4 3.0 ns ns ns ns ns Consortium Parameter -167 Description VCC (typical) to the First Access Read or Write Min. 10 10 -133 Max. 10 -100 Min. Max. Unit s Max. Min.
Set-up Times tSA tSC tSD tSA tSC tSD 0.7 0.7 0.7 0.8 0.8 0.8 1.0 1.0 1.0 ns ns ns
Notes: 16. Tested initially and after any design or process change that may affect these parameters. 17. Unless otherwise noted, test conditions assume signal transition time of 2V/ns, timing reference levels of 0.75V,Vref = 0.75V, RQ = 250W, VDDQ = 1.5V, input pulse levels of 0.25V to 1.25V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of AC test loads. 18. This part has a voltage regulator that steps down the voltage internally; tPower is the time power needs to be supplied above VDD minimum initially before a read or write operation can be initiated.
Document #: 38-05491 Rev. *A
Page 7 of 18
PREMILINARY
Switching Characteristics Over the Operating Range (continued)[17]
Cypress Parameter Hold Times tHA tHC tHD tCO tDOH tCHZ tCLZ tHA tHC tHD tCHQV tCHQX tCHZ tCLZ Address Hold after Clock (K and K) Rise Control Signals Hold after Clock (K and K) Rise (RPS, WPS, BWS0, BWS1) D[17:0] Hold after Clock (K and K) Rise C/C Clock Rise (or K/K in single clock mode) to Data Valid Data Output Hold after Output C/C Clock Rise (Active to Active) Clock (C and C) Rise to High-Z (Active to High-Z)[19, 20] Clock (C and C) Rise to Low-Z[19, 20] 1.2 1.2 2.5 1.2 0.7 0.7 0.7 2.5 1.2 0.8 0.8 0.8 Consortium Parameter -167 Description Min.
CY7C1302CV25
-133 Max. -100 Min. Max. Unit 1.0 1.0 1.0 3.0 1.2 3.0 1.2 3.0 3.0 ns ns ns ns ns ns ns
Max. Min.
Output Times
Notes: 19. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured 100 mV from steady-state voltage. 20. At any given voltage and temperature tCHZ is less than tCLZ and, tCHZ less than tCO.
Document #: 38-05491 Rev. *A
Page 8 of 18
PREMILINARY
Switching Waveforms[21, 22, 23]
READ 1
K tKH K tKL tCYC tKHKH
CY7C1302CV25
WRITE 2
READ 3
WRITE 4
READ 5
WRITE 6
NOP 7
WRITE 8
NOP 9 10
RPS tSC WPS A A0 A1 A2 A3 A4 A5 A6 tHC
tSA tHA D D10 D11
tSA tHA D30 tSD D31 tHD D50 D51 tSD D60 tHD D61
Q
Q00
Q01
Q20
Q21
Q40
Q41 tCHZ
tCLZ tKHCH tKHCH tCO tCO
tDOH
tDOH
C tKH C tKL tKHKH tCYC
DON'T CARE
UNDEFINED
Notes: 21. Q00 refers to output from address A0. Q01 refers to output from the next internal burst address following A0 i.e., A0+1. 22. Outputs are disabled (High-Z) one clock cycle after a NOP. 23. In this example, if address A2=A1 then data Q20=D10 and Q21=D11. Write data is forwarded immediately as read results.This note applies to the whole diagram.
Document #: 38-05491 Rev. *A
Page 9 of 18
PREMILINARY
IEEE 1149.1 Serial Boundary Scan (JTAG)
These SRAMs incorporate a serial boundary scan test access port (TAP) in the FBGA package. This part is fully compliant with IEEE Standard #1149.1-1900. The TAP operates using JEDEC standard 2.5V I/O logic levels. Disabling the JTAG Feature It is possible to operate the SRAM without using the JTAG feature. To disable the TAP controller, TCK must be tied LOW (VSS) to prevent clocking of the device. TDI and TMS are internally pulled up and may be unconnected. They may alternately be connected to VDD through a pull-up resistor. TDO should be left unconnected. Upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. Test Access Port--Test Clock The test clock is used only with the TAP controller. All inputs are captured on the rising edge of TCK. All outputs are driven from the falling edge of TCK. Test Mode Select The TMS input is used to give commands to the TAP controller and is sampled on the rising edge of TCK. It is allowable to leave this pin unconnected if the TAP is not used. The pin is pulled up internally, resulting in a logic HIGH level. Test Data-In (TDI) The TDI pin is used to serially input information into the registers and can be connected to the input of any of the registers. The register between TDI and TDO is chosen by the instruction that is loaded into the TAP instruction register. For information on loading the instruction register, see the TAP Controller State Diagram. TDI is internally pulled up and can be unconnected if the TAP is unused in an application. TDI is connected to the most significant bit (MSB) on any register. Test Data-Out (TDO) The TDO output pin is used to serially clock data-out from the registers. The output is active depending upon the current state of the TAP state machine (see Instruction codes). The output changes on the falling edge of TCK. TDO is connected to the least significant bit (LSB) of any register. Performing a TAP Reset A Reset is performed by forcing TMS HIGH (VDD) for five rising edges of TCK. This RESET does not affect the operation of the SRAM and may be performed while the SRAM is operating. At power-up, the TAP is reset internally to ensure that TDO comes up in a high-Z state. TAP Registers Registers are connected between the TDI and TDO pins and allow data to be scanned into and out of the SRAM test circuitry. Only one register can be selected at a time through the instruction registers. Data is serially loaded into the TDI pin on the rising edge of TCK. Data is output on the TDO pin on the falling edge of TCK. Instruction Register Three-bit instructions can be serially loaded into the instruction register. This register is loaded when it is placed between the Document #: 38-05491 Rev. *A
CY7C1302CV25
TDI and TDO pins as shown in TAP Controller Block Diagram. Upon power-up, the instruction register is loaded with the IDCODE instruction. It is also loaded with the IDCODE instruction if the controller is placed in a reset state as described in the previous section. When the TAP controller is in the Capture IR state, the two least significant bits are loaded with a binary "01" pattern to allow for fault isolation of the board level serial test path. Bypass Register To save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. The bypass register is a single-bit register that can be placed between TDI and TDO pins. This allows data to be shifted through the SRAM with minimal delay. The bypass register is set LOW (VSS) when the BYPASS instruction is executed. Boundary Scan Register The boundary scan register is connected to all of the input and output pins on the SRAM. Several no connect (NC) pins are also included in the scan register to reserve pins for higher density devices. The boundary scan register is loaded with the contents of the RAM Input and Output ring when the TAP controller is in the Capture-DR state and is then placed between the TDI and TDO pins when the controller is moved to the Shift-DR state. The EXTEST, SAMPLE/PRELOAD and SAMPLE Z instructions can be used to capture the contents of the Input and Output ring. The Boundary Scan Order tables show the order in which the bits are connected. Each bit corresponds to one of the bumps on the SRAM package. The MSB of the register is connected to TDI, and the LSB is connected to TDO. Identification (ID) Register The ID register is loaded with a vendor-specific, 32-bit code during the Capture-DR state when the IDCODE command is loaded in the instruction register. The IDCODE is hardwired into the SRAM and can be shifted out when the TAP controller is in the Shift-DR state. The ID register has a vendor code and other information described in the Identification Register Definitions table. TAP Instruction Set Eight different instructions are possible with the three-bit instruction register. All combinations are listed in the Instruction Code table. Three of these instructions are listed as RESERVED and should not be used. The other five instructions are described in detail below. Instructions are loaded into the TAP controller during the Shift-IR state when the instruction register is placed between TDI and TDO. During this state, instructions are shifted through the instruction register through the TDI and TDO pins. To execute the instruction once it is shifted in, the TAP controller needs to be moved into the Update-IR state. IDCODE The IDCODE instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. It also places the instruction register between the TDI and TDO pins and allows the IDCODE to be shifted out of the device when the TAP controller enters the Shift-DR state. The IDCODE instruction Page 10 of 18
PREMILINARY
is loaded into the instruction register upon power-up or whenever the TAP controller is given a test logic reset state. SAMPLE Z The SAMPLE Z instruction causes the boundary scan register to be connected between the TDI and TDO pins when the TAP controller is in a Shift-DR state. The SAMPLE Z command puts the output bus into a High-Z state until the next command is given during the "Update IR" state. SAMPLE/PRELOAD SAMPLE/PRELOAD is a 1149.1 mandatory instruction. When the SAMPLE/PRELOAD instructions are loaded into the instruction register and the TAP controller is in the Capture-DR state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. The user must be aware that the TAP controller clock can only operate at a frequency up to 10 MHz, while the SRAM clock operates more than an order of magnitude faster. Because there is a large difference in the clock frequencies, it is possible that during the Capture-DR state, an input or output will undergo a transition. The TAP may then try to capture a signal while in transition (metastable state). This will not harm the device, but there is no guarantee as to the value that will be captured. Repeatable results may not be possible. To guarantee that the boundary scan register will capture the correct value of a signal, the SRAM signal must be stabilized long enough to meet the TAP controller's capture set-up plus hold times (tCS and tCH). The SRAM clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a SAMPLE/PRELOAD instruction. If this is an issue, it is still possible to capture all other signals and simply ignore the value of the CK and CK captured in the boundary scan register. Once the data is captured, it is possible to shift out the data by putting the TAP into the Shift-DR state. This places the boundary scan register between the TDI and TDO pins. PRELOAD allows an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells prior to the selection of another boundary scan test operation.
CY7C1302CV25
The shifting of data for the SAMPLE and PRELOAD phases can occur concurrently when required--that is, while data captured is shifted out, the preloaded data can be shifted in. BYPASS When the BYPASS instruction is loaded in the instruction register and the TAP is placed in a Shift-DR state, the bypass register is placed between the TDI and TDO pins. The advantage of the BYPASS instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. EXTEST The EXTEST instruction enables the preloaded data to be driven out through the system output pins. This instruction also selects the boundary scan register to be connected for serial access between the TDI and TDO in the shift-DR controller state. EXTEST Output Bus Three-state IEEE Standard 1149.1 mandates that the TAP controller be able to put the output bus into a three-state mode. The boundary scan register has a special bit located at bit #47. When this scan cell, called the "extest output bus three-state", is latched into the preload register during the "Update-DR" state in the TAP controller, it will directly control the state of the output (Q-bus) pins, when the EXTEST is entered as the current instruction. When HIGH, it will enable the output buffers to drive the output bus. When LOW, this bit will place the output bus into a High-Z condition. This bit can be set by entering the SAMPLE/PRELOAD or EXTEST command, and then shifting the desired bit into that cell, during the "Shift-DR" state. During "Update-DR", the value loaded into that shift-register cell will latch into the preload register. When the EXTEST instruction is entered, this bit will directly control the output Q-bus pins. Note that this bit is pre-set HIGH to enable the output when the device is powered-up, and also when the TAP controller is in the "Test-Logic-Reset" state. Reserved These instructions are not implemented but are reserved for future use. Do not use these instructions.
Document #: 38-05491 Rev. *A
Page 11 of 18
PREMILINARY
TAP Controller State Diagram[24] 1 TEST-LOGIC RESET
0
CY7C1302CV25
0
TEST-LOGIC/ IDLE
1
SELECT DR-SCAN 0 1 CAPTURE-DR 0 SHIFT-DR 1 EXIT1-DR 0 PAUSE-DR 1 0 EXIT2-DR 1 UPDATE-DR 1 0
1
SELECT IR-SCAN 0 1 CAPTURE-DR 0
1
0
SHIFT-IR 1
0
1
EXIT1-IR 0
1
0
PAUSE-IR 1 0 EXIT2-IR 1 UPDATE-IR 1 0
0
Note: 24. The 0/1 next to each state represents the value at TMS at the rising edge of TCK.
Document #: 38-05491 Rev. *A
Page 12 of 18
PREMILINARY
TAP Controller Block Diagram 0 Bypass Register TDI Selection Circuitry 2 Instruction Register 31 30 29 . . 2 1 0 1 0
CY7C1302CV25
Selection Circuitry
TDO
Identification Register 106 . . . . 2 1 0 Boundary Scan Register
TCK TMS
TAP Controller
TAP Electrical Characteristics Over the Operating Range [11, 9, 25]
Parameter VOH1 VOH2 VOL1 VOL2 VIH VIL IX Description Output HIGH Voltage Output HIGH Voltage Output LOW Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input and Output Load Current GND VI VDDQ
[26, 27]
Test Conditions IOH = -2.0 mA IOH = -100 A IOL = 2.0 mA IOL = 100 A
Min. 1.7 2.1
Max.
Unit V V
0.7 0.2 1.7 -0.3 -5 VDD + 0.3 0.7 5
V V V V A
TAP AC Switching Characteristics Over the Operating Range
Parameter tTCYC tTF tTH tTL Set-up Times tTMSS tTDIS tCS Hold Times tTMSH tTDIH tCH TMS Hold after TCK Clock Rise TDI Hold after Clock Rise Capture Hold after Clock Rise TMS Set-up to TCK Clock Rise TDI Set-up to TCK Clock Rise Capture Set-up to TCK Rise TCK Clock Cycle Time TCK Clock Frequency TCK Clock HIGH TCK Clock LOW Description
Min. 100
Max. 10
Unit ns MHz ns ns ns ns ns ns ns ns
40 40 10 10 10 10 10 10
Notes: 25. These characteristics pertain to the TAP inputs (TMS, TCK, TDI and TDO). Parallel load levels are specified in the Electrical Characteristics table. 26. TCS and TCH refer to the set-up and hold time requirements of latching data from the boundary scan register. 27. Test conditions are specified using the load in TAP AC test conditions. Tr/Tf = 1 ns.
Document #: 38-05491 Rev. *A
Page 13 of 18
PREMILINARY
TAP AC Switching Characteristics Over the Operating Range (continued) [26, 27]
Parameter Output Times tTDOV tTDOX TCK Clock LOW to TDO Valid TCK Clock LOW to TDO Invalid 0 Description
CY7C1302CV25
Min. Max. 20 Unit ns ns
TAP Timing and Test Conditions[27]
1.25V 50 TDO Z0 = 50 CL = 20 pF 0V ALL INPUT PULSES 2.5V 1.25V
(a)
GND
tTH
tTL
Test Clock TCK
tTMSS tTMSH
tTCYC
Test Mode Select TMS
tTDIS tTDIH
Test Data-In TDI
Test Data-Out TDO
tTDOX
tTDOV
Identification Register Definitions
Value Instruction Field Revision Number (31:29) Cypress Device ID (28:12) Cypress JEDEC ID (11:1) ID Register Presence (0) CY7C1302CV25 001 01011010010010110 00000110100 1 Version number. Defines the type of SRAM. Allows unique identification of SRAM vendor. Indicate the presence of an ID register. Description
Document #: 38-05491 Rev. *A
Page 14 of 18
PREMILINARY
Scan Register Sizes
Register Name Instruction Bypass ID Boundary Scan Bit Size 3 1 32 107
CY7C1302CV25
Instruction Codes
Instruction EXTEST IDCODE SAMPLE Z RESERVED SAMPLE/PRELOAD RESERVED RESERVED BYPASS Code 000 001 010 011 100 101 110 111 Description Captures the Input/Output ring contents. Loads the ID register with the vendor ID code and places the register between TDI and TDO. This operation does not affect SRAM operation. Captures the Input/Output contents. Places the boundary scan register between TDI and TDO. Forces all SRAM output drivers to a High-Z state. Do Not Use: This instruction is reserved for future use. Captures the Input/Output ring contents. Places the boundary scan register between TDI and TDO. Does not affect the SRAM operation. Do Not Use: This instruction is reserved for future use. Do Not Use: This instruction is reserved for future use. Places the bypass register between TDI and TDO. This operation does not affect SRAM operation.
Boundary Scan Order
Bit # 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Bump ID 6R 6P 6N 7P 7N 7R 8R 8P 9R 11P 10P 10N 9P 10M 11N 9M 9N 11L 11M 9L 10L 11K 10K
Boundary Scan Order (continued)
Bit # 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 Bump ID 9J 9K 10J 11J 11H 10G 9G 11F 11G 9F 10F 11E 10E 10D 9E 10C 11D 9C 9D 11B 11C 9B 10B 11A Page 15 of 18
Document #: 38-05491 Rev. *A
PREMILINARY
Boundary Scan Order (continued)
Bit # 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 Document #: 38-05491 Rev. *A Bump ID Internal 9A 8B 7C 6C 8A 7A 7B 6B 6A 5B 5A 4A 5C 4B 3A 1H 1A 2B 3B 1C 1B 3D 3C 1D 2C 3E 2D 2E 1E 2F 3F 1G 1F 3G 2G 1J 2J 3K 3J 2K 1K 2L 3L Bit # 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106
CY7C1302CV25
Bump ID 1M 1L 3N 3M 1N 2M 3P 2N 2P 1P 3R 4R 4P 5P 5N 5R
Boundary Scan Order (continued)
Page 16 of 18
PREMILINARY
Ordering Information
Speed (MHz) 167 133 100 Ordering Code CY7C1302CV25-167BZC CY7C1302CV25-133BZC CY7C1302CV25-100BZC Package Name BB165D BB165D BB165D Package Type 13 x 15 x 1.4 mm FBGA 13 x 15 x 1.4 mm FBGA 13 x 15 x 1.4 mm FBGA
CY7C1302CV25
Operating Range Commercial
Package Diagram
165 FBGA 13 x 15 x 1.40 mm BB165D
51-85180-**
51-85180-**
Quad Data Rate SRAM and QDR SRAM comprise a new family of products developed by Cypress, IDT, NEC and Samsung. All product and company names mentioned in this document are trademarks of their respective holders.
Document #: 38-05491 Rev. *A
Page 17 of 18
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
PREMILINARY
Document History Page
Document Title:CY7C1302CV25 9-Mb Burst of 2 Pipelined SRAM with QDRTM Architecture Document Number: 38-05491 REV. ** *A ECN NO. 208401 230396 Issue Date see ECN see ECN Orig. of Change DIM VBL New Data Sheet Upload datasheet to the internet
CY7C1302CV25
Description of Change
Document #: 38-05491 Rev. *A
Page 18 of 18
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of CY7C1302CV25-167BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X